Part Number Hot Search : 
U4083 SL614 1PMT5287 PV21F ST2042BD LM12405 Y8895 C2260
Product Description
Full Text Search
 

To Download PSRW-7809LF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  psrw-series ? psrw-78xxlf ? switching regulator ? s ip3 ? plastic case specification can change without a notice ? we acce pt no liability for any inaccuracy or printing erro rs. page 1/2 psrw-78xxlf all specifications typical at ta=25c, nominal inpu t voltage and full load unless otherwise specified input specifications voltage range wide input (see table) filter capacitors input reflected ripple current 35ma pk-pk output specifications voltage accuracy 3% short circuit protection indefinite (automatic recovery) line regulation 1% load regulation (10% - 100% load) 0.6% ripple and noise (20mhz bandwidth) 75 mv pk-pk temperature coefficient 0.02% / c capacitor load 100 uf general specifications efficiency see table switching frequency 120 - 800 khz humidity 95% rel h reliability calculated mtbf (mil-hdbk-217f) > 4.5 mhrs physical specifications case material non conductive black plastic (ul94v-0 rated) potting material silicon (ul94v-0 rated) weight ~ 1.8 g, typ. environment specifications operating temperature -40 to +60c (for 100%) maximum case temperature 105c storage temperature -40 to +125c cooling free air convection (10mm distance required) emc characteristics radiated emissions en55022 class b conducted emissions en55022 class b esd en61000-4-2 pref. criteria a mainzer stra?e 151?153 d-55299 nackenheim tel. +49 6135 7026-0 fax: +49 6135 931070 www.peak-electronics.de peak@peak-electronics.de t he psrw series is a family of cost effective 1.65~7 .5w single output buck dc-dc converters. these converters are encapsulated in a non conductive black plastic 3-pin sip case, continuous short circ uit protection with automatic restart, good line / load regulation and ultra low quiescence current. devices are filled up with flame retardant resin .input voltages of 9~72, 14~72, 17~72, 20~72, and 36~72 with output vo ltage of 3.3, 5, 6.5, 7.2, 9 , 12 and 15vdc. high performance features in clude high efficiency operation up to 95%. psrw-series  500 ma switching regulator  wide input  sip3 plastic package  non-isolated & non-regulated  low quiescence out current  short circuit protection  low ripple and noise rev.11-2010
psrw-series ? psrw-78xxlf ? switching regulator ? s ip3 ? plastic case specification can change without a notice ? we acce pt no liability for any inaccuracy or printing erro rs. page 2/2 selection guide order # i n p u t v o l t a g e r a n g e ( v d c ) i n p u t c u r r e n t n o l o a d ( m a ) i n p u t c u r r e n t f u l l l o a d ( v i n m i n . ) i n p u t c u r r e n t f u l l l o a d ( v i n m a x . ) o u t p u t v o l t a g e ( v ) o u t p u t c u r r e n t ( m a ) e f f i c i e n c y ( v i n m i n . ) ( % ) e f f i c i e n c y ( v i n m a x . ) ( % ) psrw-783r3lf 9-72 3.0 230 32 3.3 500 82 75 psrw-7805lf 9-72 3.0 327 45 5.0 500 87 80 psrw-786r5lf 9-72 3.0 406 56 6.5 500 91 83 psrw-787r2lf 14-72 3.0 289 61 7.2 500 91 84 PSRW-7809LF 14-72 3.0 358 76 9.0 500 92 86 psrw-7812lf 17-72 3.0 384 97 12 500 94 89 psrw-7815lf 20-72 3.0 404 119 15 500 95 91 if you need other specifications, please enquire. package / pinning / derating peak modelcode datecode 1 2 3 11.68 (0.46) bottom view 1 2 3 10.15 (0.40) 5.08 (0.20) 2.00 (0.08) 2.54 (0.10) 4.00 (0.16) 0.25 (0.01) 7.50 (0.29) 0.50 (0.02) notes : all dimensions are typical in millimeters ( inches ). 1. pin diameter: 0.5 0.05 ( 0.020.002 ) 2. pin pitch tolerance: 0.35 ( 0.014 ) 3. case tolerance: 0.5 ( 0.02 ) specification may change without notice. pin length is typical. 85 100% 75% 50% 25% -40 -20 0 20 40 60 80 100 output power ambient temperature (c) temperature derating graph psrw-78xxlf 1. if vin >50v , in order to protect the converter during power-up, an external capacitor c1=3.3uf/100v is required. 2. c2=100uf(optional) # switching reg. 1 +vin 2 gnd 3 +vout pin connections


▲Up To Search▲   

 
Price & Availability of PSRW-7809LF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X